4v drive nch mosfet RP1L080SN ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) fast switching speed. 3) drive circuits can be simple. 4) parallel use is easy. ? application switching ? packaging specifications ? inner circuit package taping code tr basic ordering unit (pieces) 1000 RP1L080SN ? ? absolute maximum ratings (t a = 25c) symbol limits unit drain-source voltage v dss 60 v gate-source voltage v gss ? 20 v continuous i d ? 8.0 a pulsed i dp ? 32 a continuous i s 1.6 a pulsed i sp 32 a power dissipation p d 2.0 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 ? to ?? 150 ? c *1 pw 10 ? s, duty cycle 1% *2 mounted on a ceramic board ? thermal resistance symbol limits unit channel to ambient r th (ch-a) 62.5 ? c / w * mounted on a ceramic board parameter type source current (body diode) drain current parameter *1 *1 * *1 *2 mpt6 (single) (1) (2) (3) (6) (5) (4) (1) source (2) source (3) gate (4) drain (5) drain (6) drain ? 1 esd protection diode ? 2 body diode ?2 ?1 (6) (5) (1) (2) (3) (4) 1/6 2011.08 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RP1L080SN ? electrical characteristics (t a = 25c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 60 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =60v, v gs =0v gate threshold voltage v gs (th) 1.0 - 3.0 v v ds =10v, i d =1ma -1724 i d =8.0a, v gs =10v -1927 i d =8.0a, v gs =4.5v -2028 i d =8.0a, v gs =4.0v forward transfer admittance l y fs l 8.5 - - s i d =8.0a, v ds =10v input capacitance c iss - 1700 - pf v ds =10v output capacitance c oss - 330 - pf v gs =0v reverse transfer capacitance c rss - 170 - pf f=1mhz turn-on delay time t d(on) - 18 - ns i d =4.0a, v dd 30v rise time t r - 25 - ns v gs =10v turn-off delay time t d(off) - 70 - ns r l =7.5? fall time t f - 30 - ns r g =10 ? total gate charge q g - 40 - nc v dd 30v gate-source charge q gs - 5.0 - nc i d =8.0a, gate-drain charge q gd - 9.0 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) (t a = 25 ? c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =8.0a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RP1L080SN ? electrical characteristic curves (ta=25 ? c) 0 1 2 3 4 5 6 7 8 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =2.5v v gs =4.5v v gs =2.6v v gs =10.0v v gs =4.0v v gs =2.9v v gs =3.5v v gs =2.8v t a =25 c pulsed 0 1 2 3 4 5 6 7 8 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =10.0v v gs =4.0v v gs =2.8v v gs =2.6v v gs =2.7v v gs =2.5v t a =25 c pulsed 10 100 0.01 0.1 1 10 100 static drain - source on - state resistance r ds (on) [m ] drain current : i d [a] fig.3 static drain - source on - state resistance vs. drain current v gs =4.5v v gs =4.0v v gs =10v t a =25 c pulsed 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds (on) [m w ] drain current : i d [a] fig.4 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds (on) [m w ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 1 10 100 1000 0.01 0.1 1 10 100 static drain - source on - state resistance r ds (on) [m w ] drain current : i d [a] fig.6 static drain - source on - state resistance vs. drain current v gs =4v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 3/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RP1L080SN 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 forward transfer admittance |yfs| [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.001 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 drain current : i d [a] gate - source voltage : v gs [v] fig.8 typical transfer characteristics v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 source current : i s [a] source - drain voltage : v sd [v] fig.9 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 10 20 30 40 50 60 70 80 0 2 4 6 8 10 12 14 16 18 20 static drain - source on - state resistance r ds (on) [m ] gate - source voltage : v gs [v] fig.10 static drain - source on - state resistance vs. gate - source voltage i d =4.0a i d =8.0a t a =25 c pulsed 1 10 100 1000 10000 0.01 0.1 1 10 switching time : t [ns] drain current : i d [a] fig.11 switching characteristics t d(on) t r t d(off) t f v dd P 30v v gs =10v r g =25 t a =25 c pulsed 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 40 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.12 dynamic input characteristics t a =25 c v dd =30v i d =8a pulsed 4/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RP1L080SN 1 10 100 1000 10000 100000 0.01 0.1 1 10 100 capacitance : c [pf] drain - source voltage : v ds [v] fig.13 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 0.01 0.1 1 10 100 1000 0.1 1 10 100 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse mounted on a ceramic board. 30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms dc operation 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.15 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) r th(ch - a) =62.5 c /w rth (ch - a)(t) =r (t) r th(ch - a) 5/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RP1L080SN ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd 6/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes
|